Part Number Hot Search : 
MN5200 3045C CPC6826 P06P03 721RP 12F60UC KP8M6 10E12
Product Description
Full Text Search
 

To Download CPGS-9120-M12-C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 industrial ethernet switch www.oring-networking.com 1-452 3u compactpci en50155 12-port managed gigabit ethernet switch with 8x10/100/1000base-t(x) in compactpci sockets, and 4x10/100/1000base-t(x) in m12 connector CPGS-9120-M12-C ? leading en50155 compliant ethernet switch for rolling stock application ? supports 3u and 8hp compactpci form factor and hot swapping ? picmg 2.0 specification compatible ? support 8x10/100/1000base-t(x) ports on compactpci sockets and 4x10/100/1000base-t(x) m12 connector ports ? support jumbo frame up to 9.6k bytes ? supports o-ring (recovery time < 30ms over 250 units of connection), mstp/rstp/stp (ieee 802.1s/w/d) for ethernet redundancy ? open-ring support the other vendor's ring technology in open architecture ? o-chain allow multiple redundant network rings ? support standard iec 62439-2 mrp *note (media redundancy protocol) function ? supports ipv6 new internet protocol version ? support modbus tcp protocol ? support ieee 802.3az energy-efficient ethernet technology ? provided https/ssh protocol to enhance network security ? supports smtp client ? supports ip-based bandwidth management ? supports application-based qos management ? supports device binding security function ? supports dos/ddos auto prevention ? supports ssh/https security function ? igmp v2/v3 (igmp snooping support) for filtering multicast traffic ? supports snmp v1/v2c/v3, rmon and 802.1q vlan network management ? support acl, tacacs+ and 802.1x user authentication for security ? m12 connectors to guarantee reliable operation against environmental disturbances ? multiple notification for warning of unexpected event ? windows utility ( open-vision ) support centralized management and configurable by web-based interface, telnet and console (cli) ? support lldp protocol ? support hot-swappable technology oring's compactpci series ethernet switches are designed for industrial applications, such as factory automation, vehicle, and railway applications. cpgs- 9120-m12-c is compactpci managed redundant ring ethernet switch with 8x10/100/1000base-t(x) ports in compactpci socket and 4x10/100/1000base- t(x) m12 connector which is specifically designed for the toughest and fully compliant with en50155 requirement. the switch support ethernet redundancy protocol, o-ring (recovery time < 30ms over 250 units of connection) and mstp (rstp/stp compatible) can protect your mission-critical applications from network interruptions or temporary malfunctions with its fast recovery technology. CPGS-9120-M12-C ethernet switch provided 4-port m12 connectors to ensure tight, robust connections, and guarantee reliable operation against environmental disturbances, such as vibration and shock. CPGS-9120-M12-C supports wide operating temperature from -40 to 70 o c which can fulfill most of the requirement of operation environment. introduction features o-ring full gigabit v1.0a / june, 2013 industrial ethernet switch compactpci ethernet switch CPGS-9120-M12-C *note: this function is available by request only
1-453 1-453 designed for rugged excellence except the web-based interface, telnet and console (cli) configuration, CPGS-9120-M12-C can also be managed centralized and conveniently by open- vision. therefore, the switch is one of the most reliable choices for rolling stock and highly-managed ethernet application. ? o-ring : o-ring is oring's proprietary redundant ring technology, with recovery time of less 30 milliseconds and up to 250 nodes. the o-ring redundant ring technology can protect mission-critical application from network interruptions or temporary malfunction with its fast recover technology. ? open-ring : open-ring is an enhanced redundant technology that makes oring's switches compatible with other vendor's proprietary redundant ring technologies. it enables oring's switches to form a single ring with other vendor's switch. in cases where the ring is setup using proprietary technology, oring offers a compatibility service where oring can make its switches compatible with your particular network requirements. ? o-chain : o-chain is the revolutionary network redundancy technology that provides the add-on network redundancy topology for any backbone network, o-chain allows multiple redundant network rings of different redundancy protocols to join and function together as a larger and more robust compound network topology. o-chain providing ease-of-use while maximizing fault-recovery swiftness, flexibility, compatibility, and cost-effectiveness in one set of network redundancy topology. ? mrp *note : media redundancy protocol (mrp) is a data network protocol standardized by the iec 62439-2. it allows rings of ethernet switches to overcome any single failure with recovery time much faster than achievable with spanning tree protocol. ? ip-based bandwidth management : the switch provide advanced ip-based bandwidth management which can limit the maximum bandwidth for each ip device. user can configure ip camera and nvr with more bandwidth and limit other device bandwidth. ? application-based qos : the switch also support application-based qos. application-based qos can set highest priority for data stream according to tcp/udp port number. ? device binding function : oring special device binding function can only permit allowed ip address with mac address to access the network. hacker cannot access the ip surveillance network without permission. it can avoid hacker from stealing video privacy data and attacking ip camera, nvr and controllers. ? advanced dos/ddos auto prevention : the switch also provided advanced dos/ddos auto prevention. if there is any ip flow become big in short time, the switch will lock the source ip address for certain time to prevent the attack. it's hardware based prevention so it can prevent dos/ddos attack immediately and completely. ? modbus tcp : this is a modbus variant used for communications over tcp/ip networks. ? ieee 802.3az energy-efficient ethernet : this is a set of enhancements to the twisted-pair and backplane ethernet family of networking standards that will allow for less power consumption during periods of low data activity. the intention was to reduce power consumption by 50% or more. temperature dvr voltage current 100 150 50 a 100 150 50 v industrial ethernet switch compactpci ethernet switch v1.0a / june, 2013 note: this function is available by request only industria l media converte r industria l device server industrial wireless access point industrial cellular vpn router industrial m2m gateway network m anagement softwar e accessorie s industria l ethernet switch
1 industrial ethernet switch www.oring-networking.com 1-454 open-vision oring's switches are intelligent switches. different from other traditional redundant switches, oring provides a set of windows utility (open-vision) for user to manage and monitor all of industrial ethernet switches on the industrial network. commander host momitor topology view i/o functional console pot i/o 4-port gigabit i/o led indicator 8-port gigabit i/o power input (unit=mm) dimensions v1.0a / june, 2013 industrial ethernet switch compactpci ethernet switch
1-455 1-455 designed for rugged excellence pin z a b c d e f 25 gnd 5v 3.3v 5v gnd 24 gnd 5v gnd 23 gnd 3.3v 5v gnd 22 gnd gnd 3.3v gnd j1 21 gnd 3.3v gnd gnd 20 gnd gnd gnd 19 gnd 3.3v gnd gnd 18 gnd gnd 3.3v gnd 17 gnd 3.3v gnd gnd 16 gnd gnd gnd 15 gnd 3.3v gnd gnd 14 key area 13 12 11 gnd gnd gnd 10 gnd gnd 3.3v gnd 9 gnd gnd gnd 8 gnd gnd gnd 7 gnd gnd gnd 6 gnd gnd 3.3v gnd 5 gnd gnd gnd backplane pin defnition console port pin definition m12/8p pin defnition pc (male) pin assignment rs-232 with db9 (female) pin assignment (rj45 to db9 cable) rj 45 pin assignment pin #2 rxd pin #2 txd pin #2 txd pin #3 txd pin #3 rxd pin #3 rxd pin #5 gnd pin #5 gnd pin #5 gnd pin no. description #6 td+ #4 td- #5 rd+ #8 rd- pin no. description #1 bi_cd+ #2 bi_dd+ #3 bi_dd- #4 bi_da- #5 bi_db+ #6 bi_da+ #7 bi_dc- #8 bi_db- 1 2 3 4 5 8 6 7 10/100base-t(x) 1000base-t industrial ethernet switch compactpci ethernet switch v1.0a / june, 2013 industria l media converte r industria l device server industrial wireless access point industrial cellular vpn router industrial m2m gateway network m anagement softwar e accessorie s industria l ethernet switch
1 industrial ethernet switch www.oring-networking.com 1-456 specifcations oring switch model CPGS-9120-M12-C physical ports 10/100/1000base-t(x) ports auto mdi/mdix 12-port (8-port with compactpci interface, 4-port with m12 a-coding connector) (picmg 2.0 compatible) technology ethernet standards ieee 802.3 for 10base-t ieee 802.3u for 100base-tx ieee 802.3ab for 1000base-t ieee 802.3x for flow control ieee 802.3ad for lacp (link aggregation control protocol ) ieee 802.1d for stp (spanning tree protocol) ieee 802.1p for cos (class of service) ieee 802.1q for vlan tagging ieee 802.1w for rstp (rapid spanning tree protocol) ieee 802.1s for mstp (multiple spanning tree protocol) ieee 802.1x for authentication ieee 802.1ab for lldp (link layer discovery protocol) 22 gnd stxd gnd srxd gnd j2 21 gnd gnd gnd 20 gnd led5_0 led5_1 gnd led7_0 led7_1 gnd 19 gnd led4_0 led4_1 gnd led6_0 led6_1 gnd 18 gnd led1_0 led1_1 gnd led3_0 led4_1 gnd 17 gnd led0_0 led0_1 gnd led2_0 led2_1 gnd 16 gnd p7_a_p p7_a_n gnd p7_c_p p7_c_n gnd 15 gnd p7_b_p p7_b_n gnd p7_d_p p7_d_n gnd 14 gnd p6_a_p p6_a_n gnd p6_c_p p6_c_n gnd 13 gnd p6_b_p p6_b_n gnd p6_d_p p6_d_n gnd 12 gnd p5_a_p p5_a_n gnd p5_c_p p5_c_n gnd 11 gnd p5_b_p p5_b_n gnd p5_d_p p5_d_n gnd 10 gnd p4_a_p p4_a_n gnd p4_c_p p4_c_n gnd 9 gnd p4_b_p p4_b_n gnd p4_d_p p4_d_n gnd 8 gnd p3_a_p p3_a_n gnd p3_c_p p3_c_n gnd 7 gnd p3_b_p p3_b_n gnd p3_d_p p3_d_n gnd 6 gnd p2_a_p p2_a_n gnd p2_c_p p2_c_n gnd 5 gnd p2_b_p p2_b_n gnd p2_d_p p2_d_n gnd 4 gnd p1_a_p p1_a_n gnd p1_c_p p1_c_n gnd 3 gnd p1_b_p p1_b_n gnd p1_d_p p1_d_n gnd 2 gnd p0_a_p p0_a_n gnd p0_c_p p0_c_n gnd 1 gnd p0_b_p p0_b_n gnd p0_d_p p0_d_n gnd pin z a b c d e f 4 gnd healthy# gnd 3 gnd 5v gnd 2 gnd 5v gnd 1 gnd 5v -12v +12v 5v gnd pin z a b c d e f v1.0a / june, 2013 industrial ethernet switch compactpci ethernet switch
1-457 1-457 designed for rugged excellence mac table 8k priority queues 8 processing store-and-forward switch properties switching latency: 7 us switching bandwidth: 24gbps max. number of available vlans: 4095 igmp multicast groups: 256 for each vlan port rate limiting: user define jumbo frame up to 9.6k bytes security features device binding security feature enable/disable ports, mac based port security port based network access control (802.1x) vlan (802.1q ) to segregate and secure network traffic radius centralized password management snmpv3 encrypted authentication and access security https / ssh enhance network security software features stp/rstp/mstp (ieee 802.1d/w/s) redundant ring (o-ring) with recovery time less than 30ms over 250 units tos/diffserv supported quality of service (802.1p) for real-time traffic vlan (802.1q) with vlan tagging igmp snooping ip-based bandwidth management application-based qos management dos/ddos auto prevention port configuration, status, statistics, monitoring, security dhcp server/client/relay smtp client modbus tcp network redundancy o-ring open-ring o-chain mrp *note mstp ( stp / rstp compatible) rs-232 serial console port rs-232 in rj45 connector with console cable. 115200bps, 8, n, 1 led indicators power indicator (power) green : power led x 1 status indicator (sta) green : ethernet status indicator r.m. indicator (r.m.) green : indicate system operated in o-ring master mode o-ring indicator (ring) green : indicate system operated in o-ring mode fault indicator (fault) amber : indicate unexpected event occurred 10/100/1000base-t(x) port indicator green for port link/act. power power input compactpci bus powered (12vdc) power consumption (typ.) 7.5 watts overload current protection present physical characteristics dimension (w x d x h) 40 (w) x 209 (d) x 130.7 (h)mm (1.58 x 8.23 x 5.15 inch) weight (g) 340g environmental storage temperature -40 to 85c (-40 to 185f) operating temperature -40 to 70c (-40 to 158f) operating humidity 5% to 95% non-condensing regulatory approvals emi fcc part 15, cispr (en55022) class a, en50155 (en50121-3-2, en55011, en50121-4) ems en61000-4-2 (esd), en61000-4-3 (rs), en61000-4-4 (eft), en61000-4-5 (surge), en61000-4-6 (cs), en61000-4-8, en61000-4-11 shock iec60068-2-27 free fall iec60068-2-32 vibration iec60068-2-6 safety en60950-1 warranty 5 years industrial ethernet switch compactpci ethernet switch v1.0a / june, 2013 *note: this function is available by request only industria l media converte r industria l device server industrial wireless access point industrial cellular vpn router industrial m2m gateway network m anagement softwar e accessorie s industria l ethernet switch
1 industrial ethernet switch www.oring-networking.com 1-458 ordering information available model model name description CPGS-9120-M12-C 3u compactpci en50155 12-port managed gigabit ethernet switch with 8x10/100/1000base-t(x) in compactpci sockets, and 4x10/100/1000base-t(x) in m12 connector packing list ? CPGS-9120-M12-C ? oring tool cd ? quick installation guide ? console cable optional accessories (can be purchased separately) ? open-vision m500, powerful network management windows utility suite, 500 ip devices cpgs-9 aa b- m12-c code defnition 10/100base-t(x) port number additional port number compactpci version option - 12: 12 ports - 0: 0 ports - c: picmg 2.0 specification v1.0a / june, 2013 industrial ethernet switch compactpci ethernet switch


▲Up To Search▲   

 
Price & Availability of CPGS-9120-M12-C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X